|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE CERAMICS DATA SHEET Class 1, NP0 50/100/200/500 V Noble Metal Electrode Surface mount ceramic multilayer capacitors Product specification Supersedes data of 24th May 2000 File under Discrete Ceramics, ACM2 2000 Sep 11 Philips Components Product specification Surface mount ceramic multilayer capacitors FEATURES * Seven standard sizes * High capacitance per unit volume * Supplied in tape on reel or in bulk case (case sizes 0402, 0603 and 0805 only) * For high frequency applications * NiSn terminations (AgPd on request). APPLICATIONS * Consumer electronics * Telecommunications * Automotive * Data processing. DESCRIPTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved precious metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two terminations, either by silver palladium (AgPd) alloy in the ratio 65 : 35, or silver dipped with a barrier layer of plated nickel and finally covered with a layer of plated tin (NiSn). A cross section of the structure is shown in Fig.1. Class 1, NP0 50/100/200/500 V Noble Metal Electrode QUICK REFERENCE DATA DESCRIPTION Rated voltage UR (DC) Capacitance range (E12 series); note 1: 50 V; note 2 100 V 200 V 500 V Tolerance on capacitance: C 10 pF C < 10 pF Test voltage (DC) for 1 minute: 50 V and 100 V 200 V 500 V Sectional specifications Detailed specification Climatic category (IEC 60068) Notes 1. Other values below 10 pF and non E12 series are available on request. 2. Also applicable for applications up to 63 V. 2.5 x UR 3 x UR 2 x UR IEC 60384-10, second edition 1989-04; also based on CECC 32 100 based on CECC 32 101-801 55/125/56 5%; 2% 0.5 pF; 0.25 pF 0.47 pF to 47000 pF 10 pF to 22 nF 10 pF to 5600 pF 10 pF to 3300 pF VALUE 50 V, 100 V, 200 V and 500 V (IEC) terminations , , , , electrodes MLB457 ceramic material Fig.1 Construction of a ceramic multilayer capacitor. 2000 Sep 11 2 Philips Components Product specification Surface mount ceramic multilayer capacitors MECHANICAL DATA Class 1, NP0 50/100/200/500 V Noble Metal Electrode T W L2 L4 L1 L3 MBB211 For dimensions see Table 1. Fig.2 Component outline. Physical dimensions Table 1 Capacitor dimensions T CASE SIZE L1 W MIN. 0.5 0.05 0.8 0.07 1.25 0.10 1.6 0.15 2.5 0.20 3.2 0.20 5.0 0.20 0.020 0.002 0.032 0.003 0.049 0.004 0.063 0.006 0.098 0.008 0.126 0.008 0.197 0.008 MAX. L2 and L3 MIN. MAX. L4 MIN. Dimensions in millimetres 0402 0603 0805 1206 1210 1812 2220 1.0 0.05 1.6 0.10 2.0 0.10 3.2 0.15 3.2 0.20 4.5 0.20 5.7 0.20 0.040 0.002 0.063 0.004 0.079 0.004 0.126 0.006 0.126 0.008 0.177 0.008 0.224 0.008 0.45 0.73 0.50 0.50 0.50 0.50 0.50 0.55 0.87 1.35 1.75 1.80 1.80 1.80 0.20 0.25 0.25 0.25 0.25 0.25 0.25 0.30 0.65 0.75 0.75 0.75 0.75 0.75 0.40 0.40 0.55 1.40 1.40 2.20 2.90 Dimensions in inches 0402 0603 0805 1206 1210 1812 2220 0.018 0.029 0.020 0.020 0.020 0.020 0.020 0.022 0.035 0.053 0.069 0.072 0.072 0.072 0.008 0.010 0.010 0.010 0.010 0.010 0.010 0.012 0.026 0.030 0.030 0.030 0.030 0.030 0.016 0.016 0.022 0.056 0.056 0.088 0.114 2000 Sep 11 3 Philips Components Product specification Surface mount ceramic multilayer capacitors SELECTION CHART FOR 50 V C (pF) 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 LAST THREE DIGITS OF 12NC 477 567 687 827 108 128 158 188 228 278 338 398 478 568 688 828 109 129 159 189 229 279 339 399 479 569 689 829 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 0.85 0.1 1.25 0.1 0.6 0.1 50 V 0402 0603 0805 1206 Class 1, NP0 50 V Noble Metal Electrode 1210 1812 2220 0.5 0.05 0.8 0.07 0.6 0.1 S 0.5 to 1.0 0.5 to 1.0 0.85 0.1 1.15 0.1 Values in shaded cells indicate thickness classification. 0.5 to 1.0 2000 Sep 11 4 Philips Components Product specification Surface mount ceramic multilayer capacitors C (pF) 15000 18000 22000 27000 33000 39000 47000 LAST THREE DIGITS OF 12NC 153 183 223 273 333 393 473 50 V 0402 0603 0805 1206 Class 1, NP0 50 V Noble Metal Electrode 1210 1812 0.5 to 1.0 0.9 to 1.3 2220 0.5 to 1.0 0.9 to 1.3 Thickness classification and packaging quantities THICKNESS CLASSIFICATION (mm) 0.5 0.05 0.6 0.1 0.85 0.1 0.5 to 1.0 0.8 0.07 0.9 to 1.3 1.15 0.1 1.25 0.1 8 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" PAPER 10000 4000 4000 - 4000 - - - BLISTER - - - 4000 - 3000 3000 3000 330 mm; 13" PAPER 50000 20000 15000 - 15000 - - - BLISTER - - - 10000 - 10000 10000 10000 12 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" BLISTER 1812 - - - 2000 - 1500 - - 2220 - - - 1500 - - - - 0402 50000 - - - - - - - AMOUNT PER BULK CASE 0603 - - - - 15000 - - - 0805 - 10000 8000 - - - - 5000 2000 Sep 11 5 Philips Components Product specification Surface mount ceramic multilayer capacitors ORDERING INFORMATION FOR 50 V Class 1, NP0 50 V Noble Metal Electrode Components may be ordered by using either a simple 15-digit clear text code or Philips unique 12NC. Clear text code EXAMPLE: 0805CG102J9B200 SIZE CODE 0402 0603 0805 1206 1210 1812 2220 (AgPd only) TEMP. CHAR. CG = NP0 CAPACITANCE 102 = 1000 pF; the third digit signifies the multiplying factor: 8 = x 0.01 9 = x 0.1 0=x1 1 = x 10 2 = x 100 3 = x 1000 TOL. C = 0.25 pF D = 0.5 pF G = 2% J = 5% VOLTAGE 9 = 50 V TERMINATION B = NiSn A = AgPd (2220 only) PACKAGING 2 = 180 mm; 7" paper 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case MARKING 0 = no marking 2 = 2-character marking in North America only SERIES 0 = conv. ceramic Ordering code 12NC handbook, full pagewidth 22XX 86X XXXXX Capacitance value(1) Carrier type 22 blister 38 paper 54 bulk Size 9 0402 7 0603 1 0805 3 1206 2 1210 5 1812 6 2220 (AgPd only) Packaging(2) 1 reel: 180 mm; 7" 7 reel: 330 mm; 13" 4 bulk case Tolerance NiSn terminations 4 0.25 pF for C = 5.6 to 8.2 pF 2% for C 10 pF 5 0.25 pF for C = 0.47 to 4.7 pF 0.5 pF for C = 5.6 to 8.2 pF 5% for C 10 pF AgPd terminations 1 2% for C 10 pF 2 5% for C 10 pF CCA622 (1) Refer to chapter "Selection chart for 50 V". (2) Amount on reel depends on thickness classification, see section "Thickness classification and packaging quantities". 2000 Sep 11 6 Philips Components Product specification Surface mount ceramic multilayer capacitors SELECTION CHART FOR 100 V C (pF) 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 LAST TWO DIGITS OF 12NC 23 24 25 26 27 28 29 31 32 33 34 35 36 37 38 39 41 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59 61 62 63 64 65 66 67 68 69 71 72 100 V 0603 0805 1206 Class 1, NP0 100 V Noble Metal Electrode 1210 1812 0.8 0.07 0.6 0.1 0.6 0.1 0.85 0.1 1.25 0.1 0.85 0.1 1.15 0.1 0.5 to 1.0 0.5 to 1.0 0.9 to 1.3 Values in shaded cells indicate thickness classification. 2000 Sep 11 7 Philips Components Product specification Surface mount ceramic multilayer capacitors Thickness classification and packaging quantities THICKNESS CLASSIFICATION (mm) 0.6 0.1 0.85 0.1 0.5 to 1.0 0.8 0.07 0.9 to 1.3 1.15 0.1 1.25 0.1 8 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" PAPER 4000 4000 - 4000 - - - BLISTER - - 4000 - 3000 3000 3000 330 mm; 13" PAPER 20000 15000 - 15000 - - - BLISTER - - 10000 - 10000 10000 10000 Class 1, NP0 100 V Noble Metal Electrode 12 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" BLISTER 1812 - - 2000 - 1500 - - AMOUNT PER BULK CASE 0603 - - - 15000 - - - 0805 10000 8000 - - - - 5000 ORDERING INFORMATION FOR 100 V Components may be ordered by using either a simple 15-digit clear text code or Philips unique 12NC. Clear text code EXAMPLE: 0805CG102G0B200 SIZE CODE 0603 0805 1206 1210 1812 TEMP. CHAR. CG = NP0 CAPACITANCE 102 = 1000 pF; the third digit signifies the multiplying factor: 0=x1 1 = x 10 2 = x 100 3 = x 1000 TOL. G = 2% J = 5% VOLTAGE 0 = 100 V TERMINATION B = NiSn PACKAGING 2 = 180 mm; 7" paper 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case MARKING 0 = no marking 2 = 2-character marking in North America only SERIES 0 = conv. ceramic Ordering code 12NC handbook, full pagewidth 22XX XXX X1XXX Capacitance value(1) Carrier type 22 blister 38 paper 54 bulk Rated voltage - Termination 60 100 V; NiSn Tolerance 4 2% for C 10 pF 5 5% for C 10 pF Size 6 0603 0 0805 1 1206 2 1210 4 1812 CCA623 Packaging(2) 1 reel: 180 mm; 7" 5 reel: 330 mm; 13" 4 bulk case (1) Refer to chapter "Selection chart for 100 V". (2) Amount on reel depends on thickness classification, see section "Thickness classification and packaging quantities". 2000 Sep 11 8 Philips Components Product specification Surface mount ceramic multilayer capacitors SELECTION CHART FOR 200 V AND 500 V C (pF) 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 LAST TWO DIGITS OF 12NC 23 24 25 26 27 28 29 31 32 33 34 35 36 37 38 39 41 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59 61 62 63 200 V 0805 1206 1210 Class 1, NP0 200 V and 500 V Noble Metal Electrode 500 V 1812 1206 1210 1812 0.6 0.1 0.6 0.1 0.6 0.1 0.8 to 1.0 0.85 0.1 1.25 0.1 0.85 0.1 1.15 0.1 0.85 0.1 0.9 to 1.3 1.15 0.1 0.8 to 1.0 0.9 to 1.3 0.8 to 1.0 0.9 to 1.3 1.2 to 1.75 0.9 to 1.3 Values in shaded cells indicate thickness classification. Thickness classification and packaging quantities THICKNESS CLASSIFICATION (mm) 0.6 0.1 0.85 0.1 0.8 to 1.0 0.9 to 1.3 1.15 0.1 1.25 0.1 1.2 to 1.75 8 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" PAPER 4000 4000 - - - - - BLISTER - - 4000 3000 3000 3000 2500 330 mm; 13" PAPER 20000 15000 - - - - - BLISTER - - 10000 10000 10000 10000 7000 12 mm TAPE WIDTH AMOUNT PER REEL 180 mm; 7" BLISTER 1812 - - 2000 1500 - - 1200 AMOUNT PER BULK CASE 0805 10000 8000 - - - 5000 - 2000 Sep 11 9 Philips Components Product specification Surface mount ceramic multilayer capacitors ORDERING INFORMATION FOR 200 V AND 500 V Class 1, NP0 200 V and 500 V Noble Metal Electrode Components may be ordered by using either a simple 15-digit clear text code or Philips unique 12NC. Clear text code EXAMPLE: 1206CG102GBB200 SIZE CODE 0805 1206 1210 1812 TEMP. CHAR. CG = NP0 CAPACITANCE 102 = 1000 pF; the third digit signifies the multiplying factor: 0=x1 1 = x 10 2 = x 100 3 = x 1000 TOL. G = 2% J = 5% VOLTAGE B = 200 V D = 500 V TERMINATION B = NiSn PACKAGING 2 = 180 mm; 7" paper 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case MARKING 0 = no marking 2 = 2-character marking in North America only SERIES 0 = conv. ceramic Ordering code 12NC handbook, full pagewidth 22XX XXX X1 XXX Capacitance value(1) Carrier type 22 blister 38 paper 54 bulk Rated voltage - Termination 93 200 V; NiSn 97 500 V; NiSn Size 0 0805 1 1206 2 1210 4 1812 Tolerance 4 2% 5 5% CCA624 Packaging(2) 1 reel: 180 mm; 7" 5 reel: 330 mm; 13" 4 bulk case (1) Refer to chapter "Selection chart for 200 V and 500 V". (2) Amount on reel depends on thickness classification, see section "Thickness classification and packaging quantities". 2000 Sep 11 10 Philips Components Product specification Surface mount ceramic multilayer capacitors ELECTRICAL CHARACTERISTICS Class 1, NP0 50/100/200/500 V Noble Metal Electrode Class 1 capacitors; NP0 dielectric; NiSn terminations Unless otherwise stated all electrical values apply at an ambient temperature of 20 1 C, an atmospheric pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%. DESCRIPTION Capacitance range (E12 series); note 1: 50 V 100 V 200 V 500 V Tolerance on capacitance after 1000 hours: C 10 pF 5 pF C < 10 pF C < 5 pF Tan ; note 1: C < 10 pF C 10 pF Insulation resistance after 1 minute at UR (DC) Temperature coefficient: C < 10 pF C 10 pF Ageing Notes 1. Measured at 1 V, 1 MHz for C 1000 pF and 1 V, 1 kHz for C > 1000 pF, using a four-gauge method. 2. For sizes 0402 and 0603 all capacitance values from 0.47 pF to 150 pF have a temperature coefficient of (0 30) x 10-6/K. (0 150) x 10-6/K; note 2 (0 30) x 10-6/K; note 2 not applicable -4 -4 3 10 ----- + 0.7 x 10 or 30 x 10 , whichever is smallest C VALUE 0.47 pF to 47000 pF 10 pF to 22 nF 10 pF to 5600 pF 10 pF to 3300 pF 5%; 2% 0.5 pF, 0.25 pF 0.25 pF 10 x 10-4 Rins > 100 G 2000 Sep 11 11 Philips Components Product specification Surface mount ceramic multilayer capacitors Class 1, NP0 50/100/200/500 V Noble Metal Electrode MEA607 handbook, halfpage 10 tan (x 10 - 4) 7.5 MEA608 40 TC (x10 6/K) 20 0 5 20 2.5 40 40 0 40 80 120 o T ( C) 0 - 40 0 40 80 120 T ( oC) Sample limits (broken lines). Requirement levels (dotted lines). Fig.3 Typical temperature coefficient as a function of temperature. Fig.4 Typical tan as a function of temperature. MEA614 handbook, halfpage C 15 1 C C (%) 0.5 MGA457 - 1 C (%) 10 5 0 0 -5 -0.5 - 10 - 15 0 10 20 30 40 50 V DC (V) -1 0 250 500 VDC (V) High voltage series. Fig.5 Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage. Fig.6 Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage. 2000 Sep 11 12 Philips Components Product specification Surface mount ceramic multilayer capacitors Class 1, NP0 50/100/200/500 V Noble Metal Electrode CCA075 104 f (MHz) 103 10 3 IZI ( ) 102 10 pF 100 pF 10 MEA625 102 1 10 1000 pF 10 -1 1 1 10 10 -2 102 103 C (pF) 104 1 10 102 f (MHz) 103 Case size 0603: L = 0.6 nH (dotted line). Case sizes 0805, 1206 and 1210: L = 1 nH (solid line). Case sizes 1812 and 2220: L = 1.5 nH (broken line). Case sizes 0603 to 1210. Fig.7 Series resonance frequency as a function of capacitance. Fig.8 Typical impedance (Z) as a function of frequency. 10 4 ESR (m ) 103 500 MHz 200 MHz 100 MHz MEA628 10 4 ESR (m ) 103 500 MHz 200 MHz 100 MHz MEA629 50 MHz 102 102 50 MHz 10 1 10 102 C (pF) 10 3 10 1 10 102 C (pF) 10 3 Case sizes 0603 and 0805. Typical values (solid lines). Maximum values (broken lines). Measuring equipment HP4191A. Case size 1206. Typical values (solid lines). Maximum values (broken lines). Measuring equipment HP4191A. For C > 1 nF, maximum value of ESR = 80 m measured at 50 MHz. Fig.9 Equivalent series resistance (ESR) as a function of capacitance. Fig.10 Equivalent series resistance (ESR) as a function of capacitance. 2000 Sep 11 13 Philips Components Product specification Surface mount ceramic multilayer capacitors Class 1, NP0 50/100/200/500 V Noble Metal Electrode 10 4 MEA630 10 4 MEA631 Q 103 100 MHz Q 103 500 MHz 200 MHz 50 MHz 500 MHz 200 MHz 100 MHz 50 MHz 102 102 10 1 10 102 C (pF) 103 10 1 10 102 C (pF) 103 Case sizes 0603 and 0805. Typical values (solid lines). Minimum values (broken lines). Measuring equipment HP4191A. Case size 1206. Typical values (solid lines). Minimum values (broken lines). Measuring equipment HP4191A. For C > 1 nF, Qmin = 35 measured at 50 MHz. Fig.11 Quality factor (Q) as a function of the capacitance. Fig.12 Quality factor (Q) as a function of the capacitance. 500 ESR (m ) 300 200 47 pF 100 100 pF 10 pF MGA458 500 ESR (m ) 300 200 47 pF 100 100 pF 10 pF MGA459 50 30 20 150 pF 50 30 20 470 pF 10 50 100 200 300 500 f (MHz) 10 50 100 200 500 300 f (MHz) Case size 0805. High voltage 200 V. Case size 1206. High voltage 200 V. Fig.13 Typical equivalent series resistance as a function of frequency. Fig.14 Typical equivalent series resistance as a function of frequency. 2000 Sep 11 14 Philips Components Product specification Surface mount ceramic multilayer capacitors Class 1, NP0 50/100/200/500 V Noble Metal Electrode handbook, halfpage 500 300 200 MLB198 ESR (m ) 10 pF 47 pF 100 100 pF C ESR L MEA609 50 30 20 220 pF 10 50 100 200 300 500 f (MHz) C = capacitance. ESR = equivalent series resistance which is determined by the energy dissipation mechanisms (in the dielectric material as well as in the electrodes). L = equivalent series self-inductance. Case size 1206. High voltage 500 V. Fig.15 Typical equivalent series resistance as a function of frequency. Fig.16 Equivalent series representation of a CMC. HIGH FREQUENCY BEHAVIOUR OF CERAMIC MULTILAYER CAPACITORS Ceramic multilayer capacitors (CMC) are suitable for use at high frequencies. At frequencies below the series resonance frequency, the CMC can be represented by an equivalent circuit as shown in Fig.16. In general, the quantities C, ESR and L are frequency dependent. For most applications, C and L can be regarded as frequency independent below 1 GHz. The equivalent series self-inductance L is: * Independent of the dielectric material. * Dependent on the size of the capacitor, it increases with increasing length and decreases with increasing width or thickness of the product. * The value of L is approximately: - 0.6 nH for case size 0603 - 1 nH for case sizes 0805, 1206 and 1210 - 1.5 nH for case sizes 1812 and 2220. These figures are accurate to within 20%. Because of the inductance L, associated with the CMC, there will be a frequency at which the inductive reactance will be equal to the reactance of the capacitor. This is known as the series resonance frequency (SRF) and is given by: 1 SRF = ------------------2 LC At the SRF, the CMC will appear as a small resistor. The transmission loss through the CMC at this series resonance frequency will be low. Using the values of C, L = 1 nH and the ESR at a specific frequency (f), two often used quantities can be derived. The impedance (Z) is given by: 1 - ( 2f )2 LC Z = ----------------------------------- + ESR 2jfC The quality factor (Q) is given by: 1 - ( 2f ) 2 LC Q = ------------------------------------2fESRC 2000 Sep 11 15 |
Price & Availability of 223886112159 |